Part Number Hot Search : 
FOD3180 S6B1400X HCF4082B 25002 101MH R2J10 27C47 1N60C
Product Description
Full Text Search
 

To Download TS431 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS431/431A/431B
Adjustable Precision Shunt Regulator
Sink Current Capability up to 100mA
General Description
The TS431/431A/431B integrated circuits are three-terminal programmable shunt regulator diodes. These monolithic IC voltage references operate as a low temperature coefficient zener which is programmable from Vref to 36 volts with two external resistors. These devices exhibit a wide operating current range of 1.0 to 100mA with a typical dynamic impedance of 0.22. The characteristics of these references make them excellent replacements for zener diodes in many applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5volt reference makes it convenient to obtain a stable reference from 5.0volt logic supplies, and since The TS431/431A/431B operates as a shunt regulator, it can be used as either a positive or negative stage reference. This series is offered in 3-pin TO-92, SOT-89, SOT-23 and SOP-8 package.
Features
Precision Reference Voltage TS431 2.495V2% TS431A 2.495V1% TS431B 2.495V0.5% Equivalent Full Range Temp. Coefficient: 50ppm/ C Programmable Output Voltage up to 36V Fast Turn-On Response Sink Current Capability of 1.0 to 100 mA Low Dynamic Output Impedance: 0.22 Low Output Noise
o
Standard Application
Ordering Information
Part No.
TS431xCT TS431xCY TS431xCX TS431xCS Note: Where x denotes voltage tolerance. Blank: 2% A: 1% B: 0.5% -20 ~ +85 oC
Block Diagram
Operating Temp. (Ambient)
Package
TO-92 SOT-89 SOT-23 SOP-8
Pin Assignment
Pin No.
TS431/A/BCT 1 2 3 TS431/A/BCY 1 2 3 TS431/A/BCX 1 3 2 TS431/A/BCS 8 2,3,6,7 1 4,5
Pin Description Reference Anode Cathode Non connect
TS431/A/B
1-8
2003/12 rev. B
Absolute Maximum Rating
Cathode Voltage (Note 1) Continuous Cathode Current Range Reference Input Current Range Power Dissipation (Note 2, 3) TO-92 SOT-89 / SOP-8 SOT-23 Operating Junction Temperature Range Storage Temperature Range Note 2: Tj Max = 150 C Note 3: Rating apply to ambient temperature at 25 C
o o
Vka Ik Iref
37 -100 ~ +150 -0.05 ~ +10 0.625
V mA mA
Pd
0.5 0.3
W
o o
Tj TSTG
+125 -65 ~ +150
C C
Note 1: Voltage values are with respect to the anode terminal unless otherwise noted.
Recommend Operating Condition
Cathode Voltage Range Cathode Current Range (for regulation) Vka Ik Ref ~ 36 1 ~ 100 V mA
Electrical Characteristics
(Ta=25 C, unless otherwise specified.) Parameter Reference voltage TS431 TS431A TS431B Deviation of reference input voltage, over temp. (Note 4) Reference Input current Radio of change in Vref to change in cathode Voltage Deviation of reference input current, over temp. Minimum operating cathode current Off-state Cathode Current Dynamic Output Impedance Vref Ta = full range Vka =Vref, Ik=10mA (Figure 1) R1=10K, R2= , Ika=10mA (Figure 2) Ika=10mA, Vka = 10V to Vref, Vka = 36V to 10V (Figure 2) Ta= full range Iref(DEV) R1=10K, R2= , Ika=10mA (Figure 2) Ika(min) Ioff |Zka| Vka=Vref (Figure 1) Vref=0V (Figure 3) f<1KHz, Vka=Vref Ika=1mA to 100mA (Figure 1) Vka=36V ---0.4 -0.22 0.6 1.0 0.5 mA uA -0.4 1.2 uA Vref Vka =Vref, Ik=10mA (Figure 1) Symbo Test Conditions Min 2.450 2.475 2.487 -3 2.495 Typ Max 2.550 2.525 2.513 17 mV V Unit
o
Iref Vref / Vka
----
0.7 -1.4 - 1.0
4.0 -2.7 - 2.0
uA
mV/V
TS431/A/B
2-8
2003/12 rev. B
Electrical Characteristics (continued) (Ta=25 oC, unless otherwise specified.)
Note 4. Deviation of reference input voltage, VDEV, is defined as the maximum deviation of the reference over the full temperature range. The average temperature coefficient of the reference input voltage Vref is defined as:
| Vref | = [ VDEV / Vref(25 oC) ] * 106 / T2 - T1.......................... (PPM/ oC)
Where: T2-T1 = full temperature change.
Vref can be positive or negative depending on whether the slope is positive or negative.
| Vref | = [ 4mV / 2495mV ] * 106 / 70oC 23ppm/oC
Note 5. The dynamic output impedance, Rz, is defined as:
Example: Maximum Vref=2.496V at 30oC, minimum Vref=2.492V at 0oC, Vref=2.495V at 25oC, T=70 oC
| Zka | = Vka / Ika
When the device is programmed with two external resistors R1and R2 (see Figure 2). The dynamic output impedance of the overall circuit, is defined as :
| Zka | = v / i | Zka | * ( 1 + R1 / R2) Test Circuits
TS431/A/B
3-8
2003/12 rev. B
Application Examples
TS431/A/B
4-8
2003/12 rev. B
Application Examples
TS431/A/B
5-8
2003/12 rev. B
Typical Performance Characteristics
TS431/A/B
6-8
2003/12 rev. B
TO-92 Mechanical Drawing
A
DIM TO-92 DIMENSION MILLIMETERS INCHES MIN 4.30 4.30 0.43 2.19 3.30 2.42 0.37 MAX 4.70 4.70 0.49 2.81 3.70 2.66 0.43 MIN 0.169 0.169 0.017 0.086 0.130 0.095 0.015 MAX 0.185 0.185 0.019 0.111 0.146 0.105 0.017
B
A B C D E F G H
14.30(typ)
0.563(typ)
C
E
F
H
D
G
SOT-89 Mechanical Drawing
A B
SOT-89 DIMENSION
I
DIM A B C
MILLIMETERS MIN MAX 4.40 1.50 2.30 0.40 1.50 3.00 0.89 4.05 1.4 0.35 4.60 1.7 2.60 0.52 1.50 3.00 1.20 4.25 1.6 0.44
INCHES MIN MAX 0.173 0.059 0.090 0.016 0.059 0.118 0.035 0.159 0.055 0.014 0.181 0.070 0.102 0.020 0.059 0.118 0.047 0.167 0.068 0.017
H G
C
D E F G
E
D
J
H I J
F
TS431/A/B
7-8
2003/12 rev. B
SOT-23 Mechanical Drawing
A B
F
SOT-23 DIMENSION DIM A MILLIMETERS MIN MAX 2.88 0.39 1.78 0.51 1.59 1.04 0.07 2.91 0.42 2.03 0.61 1.66 1.08 0.09 INCHES MIN MAX 0.113 0.015 0.070 0.020 0.063 0.041 0.003 0.115 0.017 0.080 0.024 0.065 0.043 0.004
E
B C D E F G
G
D
C
SOP-8 Mechanical Drawing
A
DIM SOP-8 DIMENSION MILLIMETERS INCHES MIN 4.80 3.80 1.35 0.35 0.40 0.10 0o 5.80 0.25 MAX 5.00 4.00 1.75 0.49 1.25 0.25 7o 6.20 0.50 MIN 0.189 0.150 0.054 0.014 0.016 0.004 0o 0.229 0.010 MAX 0.196 0.157 0.068 0.019 0.049 0.009 7o 0.244 0.019
16
9 B P
A B C D F G
R
1
8
1.27 (typ)
0.05 (typ)
G C D K
M
K M
F
P R
TS431/A/B
8-8
2003/12 rev. B


▲Up To Search▲   

 
Price & Availability of TS431

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X